PART |
Description |
Maker |
STF23NM60ND STI23NM60ND STW23NM60ND STP23NM60ND ST |
N-channel 600 V - 0.150 ヘ - 20 A - D2/I2PAK - TO-220/FP - TO-247 FDmesh⑩ II Power MOSFET N-channel 600 V - 0.150 Ω - 20 A - D2/I2PAK - TO-220/FP - TO-247 FDmesh?/a> II Power MOSFET N-channel 600 V - 0.150 Ω - 20 A - D2/I2PAK - TO-220/FP - TO-247 FDmesh II Power MOSFET N-channel 600 V - 0.150 楼? - 20 A - D2/I2PAK - TO-220/FP - TO-247 FDmesh垄芒 II Power MOSFET
|
http:// STMicroelectronics
|
STF23NM60N STI23NM60N STW23NM60N STP23NM60N STB23N |
N-channel 600 V - 0.150 ヘ - 19 A - D2PAK - I2PAK - TO-220/FP TO-247, second generation MDmesh⑩ Power MOSFET N-channel 600 V - 0.150 Ω - 19 A - D2PAK - I2PAK - TO-220/FP TO-247, second generation MDmesh?/a> Power MOSFET N-channel 600 V - 0.150 Ω - 19 A - D2PAK - I2PAK - TO-220/FP TO-247, second generation MDmesh Power MOSFET N-channel 600 V - 0.150 楼? - 19 A - D2PAK - I2PAK - TO-220/FP TO-247, second generation MDmesh垄芒 Power MOSFET
|
http:// STMicroelectronics
|
PDMB150E6C |
150A 600V 150 A, 600 V, N-CHANNEL IGBT
|
Nihon Inter Electronics Corporation
|
PCHMB150A6A |
IGBT MODULE Chopper 150A 600V 150 A, 600 V, N-CHANNEL IGBT
|
Nihon Inter Electronics, Corp. NIEC[Nihon Inter Electronics Corporation]
|
PDMB150A6 |
IGBT MODULE Dual 150A 600V 150 A, 600 V, N-CHANNEL IGBT
|
Nihon Inter Electronics, Corp. NIEC[Nihon Inter Electronics Corporation]
|
6MBI150FB-060 |
IGBT MODULE 150 A, 600 V, N-CHANNEL IGBT
|
Fuji Electric Holdings Co., Ltd. FUJI[Fuji Electric]
|
RFT3055 RFT3055LE HGTG20N120CND FN4537 |
2.0A, 60V, 0.150 Ohm, N-Channel, Logic Level, ESD Rated, Power MOSFET 2.0安培0V的,0.150 Ohm的N通道,逻辑层次,额定静电,功率MOSFET 2.0A/ 60V/ 0.150 Ohm/ N-Channel/ Logic Level/ ESD Rated/ Power MOSFET 63A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 2.0A 60V 0.150 Ohm N-Channel Logic Level ESD Rated Power MOSFET From old datasheet system
|
Fairchild Semiconductor, Corp. INTERSIL[Intersil Corporation]
|
PM150CVA060 |
Intellimod?/a> Module Three Phase IGBT Inverter Output (150 Amperes/600 Volts) Intellimod Module Three Phase IGBT Inverter Output (150 Amperes/600 Volts) Intellimod⑩ Module Three Phase IGBT Inverter Output (150 Amperes/600 Volts)
|
POWEREX[Powerex Power Semiconductors]
|
CM150E3U-12H |
CHOPPER IGBTMOD 150 AMPERES/600 VOLTS
|
Powerex Power Semiconductors
|
2N5401CYTA |
600 mA, 150 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
CM75DU-12H |
Dual IGBTMOD 75 Amperes/600 Volts 75 A, 600 V, N-CHANNEL IGBT
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
VIO50-06P1 VII50-06P1 VDI50-06P1 VID50-06P1 |
CONN/6 POS HDR SHRD SGL RA LK 42.5 A, 600 V, N-CHANNEL IGBT IGBT Modules in ECO-PAC 2 42.5 A, 600 V, N-CHANNEL IGBT
|
IXYS, Corp. IXYS[IXYS Corporation]
|